Part Number Hot Search : 
B22D20 APT15 G5J2187 IRF3711 SDR415 RM21B L3GD20 HEF451
Product Description
Full Text Search
 

To Download USN2-0808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USN UPN 2-0808
PrecisionFoilResistors
* * * * * *
Resistances from 100Ohm to 20kOhms Power Rating to 0.2Watt Resistance Tolerances to 0.005% TCR to 0.5ppm/K Load Stability to 0.001% Twin Resistor Construction
SPECIFICATIONS
Type
ResistanceRange Variations Powerrating(70C) TolerancIes Absolut Ratio Stability(Ratio) ShelfLifeStability Temperature Coefficient Absolut Tracking uponrequest InsolationResistance ThermalEMF OperatingTemperatureRange ResistorMaterial Substrate Housing ConnectorMaterial Terminals from0.005% from0.005%
USN 2-0808
100Ohmsto20kOhms 0.2W(R1+R2) from0.02% from0.02% 0.001% 25ppm / R after 1 year 50ppm / R after 3 year typ.3ppm/K <1.0ppm/K <0.5ppm/K >10GOhm <0.1V/K -55to155C NiCr-Foil Al2O3 Capsule/Epoxy Cutinned 3
UPN 2-0808
Double-resistorwithmiddle-pin(R1-R2)
typ.5ppm/K <2.0ppm/K <1.5ppm/K
Ordering Information
PartNumber-Resistance-Tolerance USN2-08082kOhms-4kOhms0.01%
Riedon Inc. 300CypressAvenue AlhambraCA91801 www.riedon.com (626)284-9901 (626)284-1704 Page114
rev.03/2006A
USNUPN 2-0808
PrecisionFoilResistors SPECIFICATIONS (continued) Derating
120
Power (% from nominal power)
100 80 60 40 20 0 25 40 55 70 85 100 115 130 145 155 Am bient Tem perature (C)
Dimensions
Dimension A B C D E F G H
mm 27.20 7.49 8.13 2.00 2.54 2.54 O0.64
tol. (mm) 2.0 0.2 0.2 0.1 0.1 0.1 0.1
inches 1.07 0.29 0.32 0.08 0.10 0.10 O0.025
tol. (inches) 0.079 0.008 0.008 0.004 0.004 0.004 0.004
Marking of the position of the low ohmic resistor
Riedon Inc.
300CypressAvenue
AlhambraCA91801 www.riedon.com
(626)284-9901
(626)284-1704 Page115
rev.03/2006A


▲Up To Search▲   

 
Price & Availability of USN2-0808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X